PART |
Description |
Maker |
DSPIC30F4011 DSPIC30F4012 |
dsPIC30F Motor Control 16-bit Digital Signal Controller
|
Microchip
|
DSPIC30F6010AT-30E_PT DSPIC30F6015T-30I_W DSPIC30F |
High-Performance, 16-Bit Digital Signal Controllers dsPIC30F Motor Control 16-bit Digital Signal Controller
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
HAL54X HAL542SF-E HAL542SF-K HAL543SF-E HAL543SF-K |
Hall-Effect Sensor Family MAGNETIC FIELD SENSOR-HALL EFFECT, 15-33mT, 0-20mA, RECTANGULAR, SURFACE MOUNT
|
MICRONAS SEMICONDUCTOR HOLDING AG
|
HAL508 HAL508A HAL508E HAL508K HAL518K HAL517K HAL |
Hall Effect Sensor Family
|
ETC[ETC]
|
HAL114SF-C HAL114SF-K HAL114UA-K HAL115SF-C HAL115 |
HALL EFFECT SENSOR FAMILY
|
MICRONAS[Micronas]
|
HAL573 HAL573SF-E HAL573SF-K HAL573UA-E HAL573UA-K |
Two-Wire Hall-Effect Sensor Family
|
Micronas
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
XC2234N XC2236N XC2232N XC2238N |
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family / Value Line
|
Infineon Technologies AG
|
TMP86PS43F |
CMOS 8-Bit MICOROcontroller 8-Bit Microcontroller TLCS-870 Family
|
Toshiba Semiconductor
|
XC2263M XC2264M XC2265M XC2267M |
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
|
Infineon Technologies AG
|